Part Number Hot Search : 
VICES A1727 LH1514 BDR2G 7702B N7555 TM128 BD48E44
Product Description
Full Text Search
 

To Download C2238 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2sC2238 2sC2238a 2sC2238b description ? with to-220 package ? complement to type 2sa968 ? high breakdown votage applications ? power amplifier applications ? driver stage amplifier applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit 2sC2238 160 2sC2238a 180 v cbo collector-base voltage 2sC2238b open emitter 200 v 2sC2238 160 2sC2238a 180 v ceo collector-emitter voltage 2sC2238b open base 200 v v ebo emitter-base voltage open collector 5 v i c collector current 1.5 a i e emitter current -1.5 a p t total power dissipation t c =25 ?? 25 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? ?? inchange semiconductor
inchange semiconductor product specification 2 silicon npn power transistors 2sC2238 2sC2238a 2sC2238b characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2sC2238 160 2sC2238a 180 v (br)ceo collector-emitter breakdown voltage 2sC2238b i c =10ma; i b =0 200 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 5 v v cesat collector-emitter saturation voltage i c =500a; i b =50ma 1.5 v v be base-emitter on voltage i c =500ma ; v ce =5v 1.0 v i cbo collector cut-off current v cb =160v ;i e =0 1.0 | a i ebo emitter cut-off current v eb =5v; i c =0 1.0 | a h fe dc current gain i c =100ma ; v ce =5v 70 240 c ob output capacitance i e =0 ; v cb =10v,f=1mhz 25 pf f t transition frequency i c =100ma ; v ce =10v 100 mhz ? h fe classifications o y 70-140 120-240 ?? inchange semiconductor
inchange semiconductor product specification 3 silicon npn power transistors 2sC2238 2sC2238a 2sC2238b package outline fig.2 outline dimensions(unindicated tolerance: ? 0.10 mm) ?? inchange semiconductor


▲Up To Search▲   

 
Price & Availability of C2238

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X